PART |
Description |
Maker |
IRFP054N |
Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A? 55V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A) Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A?) IC/71054 24P P DIP INTERFACE 功率MOSFET(减振钢板基本\u003d 55V的,的Rds(on)\u003d 0.012ohm,身份证\u003d 81A条?
|
IRF[International Rectifier] Power MOSFET International Rectifier, Corp.
|
BUZ72L BUZ72LC67078-S1327-A2 BUZ72LSMD |
Power MOSFET, 100V, D²PAK , RDSon=0.2 Ohm, 10A, LL Low Voltage MOSFETs - Power MOSFET, 100V, TO-220, RDSon=0.2 Ohm, 10A, LL SIPMOS Power Transistor Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply SIPMOS Power Transistor
|
Infineon Technologies AG
|
BUZ21 BUZ21SMD |
Low Voltage MOSFETs - Power MOSFET, 100V,DPAK , RDSon=0.085 Ohm, 21A, NL Power MOSFET, 100V,D²PAK , RDSon=0.085 Ohm, 21A, NL SIPMOS Power Transistor
|
Infineon Technologies AG
|
IRF4905L IRF4905S IRF4B905L IRF4905STRL IRF4905STR |
Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A) 功率MOSFET(减振钢板基本\u003d- 55V的,的Rds(on)\u003d 0.02ohm,身份证\u003d- 74A条) Power MOSFET(Vdss=-55V/ Rds(on)=0.02ohm/ Id=-74A) -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package -55V Single P-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier, Corp.
|
IRFI1010N IRFI1010 |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=49A) Power MOSFET(Vdss=55V Rds(on)=0.012ohm Id=49A) HEXFET? Power MOSFET Power MOSFET(Vdss=55V/ Rds(on)=0.012ohm/ Id=49A)
|
IRF[International Rectifier]
|
IRF5N3205 |
55V Single N-Channel Hi-Rel MOSFET in a SMD-1 package POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.008ohm, Id=55A*) SURFACE MOUNT (SMD-1) 55V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=55V/ Rds(on)=0.008ohm/ Id=55A*)
|
IRF[International Rectifier]
|
HUFA75329S3S HUFA75329G3 HUFA75329P3 HUFA75329S3ST |
Discrete Automotive N-Channel UltraFET Power MOSFET, 55V, 49A, 0.024 Ohms @ VGS = 10V TO-263/D2PAK Package 49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs 49A 55V 0.024 Ohm N-Channel UltraFET Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor]
|
IRFU4105Z IRFR4105Z |
55V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vds=55V, Rds(on)=24.5mohm, Id=30A) 功率MOSFET(讥\u003d 55V的,的Rds(on)\u003d 24.5mohm,身份证\u003d 30A条) Power MOSFET(Vds=55V / Rds(on)=24.5mohm / Id=30A) 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IPD12N03L IPU12N03L |
DDM43W2S OptiMOS Power MOSFET, 30V, TO251, RDSon = 10.4mOhm, 30A, LL OptiMOS Power MOSFET, 30V, DPAK, RDSon = 10.4mOhm, 30A, LL OptiMOS Buck converter series
|
INFINEON[Infineon Technologies AG] http://
|
IRF1405L IRF1405S |
Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=131A? Power MOSFET(Vdss=55V/ Rds(on)=5.3mohm/ Id=131A) Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=131A) Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=131A?) 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
IRF[International Rectifier]
|
V357.006449 V371 V384 V373 V321 V377 V315 V319 V30 |
BATTERIE KNOPFZELLE 1.55V D6.8 H2.15 BATTERIE KNOPFZELLE 1.55V D9.5 H3.6 BATTERIE KNOPFZELLE 1.55V D7.9 H5.4 BATTERIE KNOPFZELLE 1.55V D7.9 H2.1 BATTERIE KNOPFZELLE 1.55V D11.6 H4.2 BATTERIE KNOPFZELLE 1.55V D11.6 H2.1 BATTERY BUTTON CELL 1.5V 1.5V的电池扣式电 BATTERIE KNOPFZELLE 1.55V D11.6 H5.4 巴特里KNOPFZELLE 1.55V的D11.6 H5.4 BATTERY SILVER OXIDE BUTTON
|
TE Connectivity, Ltd. Ecliptek, Corp.
|